Part Number Hot Search : 
RF2365 M62320FP NTE2318 HER205 H11B2X L78S09 04597 S25S20PT
Product Description
Full Text Search
 

To Download L4949E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
L4949E
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
OPERATING DC SUPPLY VOLTAGE RANGE 5V - 28V TRANSIENT SUPPLY VOLTAGE UP TO 40V EXTREMELY LOW QUIESCENT CURRENT IN STANDBY MODE HIGH PRECISION STANDBY OUTPUT VOLTAGE 5V1% OUTPUT CURRENT CAPABILITY UP TO 100mA VERY LOW DROPOUT VOLTAGE LESS THAN 0.5V RESET CIRCUIT SENSING THE OUTPUT VOLTAGE PROGRAMMABLE RESET PULSE DELAY WITH EXTERNAL CAPACITOR VOLTAGE SENSE COMPARATOR THERMAL SHUTDOWN AND SHORT CIRCUIT PROTECTIONS BLOCK DIAGRAM
Minidip
SO8
SO20W (12+4+4)
ORDERING NUMBERS: L4949E (Minidip) L4949ED (SO8) L4949EP (SO20W)
DESCRIPTION The L4949E is a monolithic integrated 5V voltage regulator with a very low dropout output and additional functions as power-on reset and input voltage sense. It is designed for supplying the microcomputer controlled systems especially in automotive applications.
VZ
VOUT
CT
VS
PREREGULATOR 5V
2 +
RES
2V REG RESET VS SI SO
1.23V REF SENSE
1.23V GND
D96AT219
June 2000
1/10
L4949E
ABSOLUTE MAXIMUM RATINGS
Symbol VSDC VSTR IO VO IRES, ISO VZ IZ TJ Tstg Parameter DC Operating Supply Voltage Transient Supply Voltage (T < 1s) Output Current Output Voltage Output Current Preregulator Output Voltage Preregulator Output Current Junction Temperature Storage Temperature Range Value 28 40 Internally Limited 20 20 5 7 5 -40 to +150 -55 to +150 V V mA V mA C C Unit V V
VRES, VSO Output Voltage
Note: The circuit is ESD protected according to MIL-STD-883C
THERMAL DATA
Symbol Rth j-amb R th j-pins TJSD Description Thermal Resistance Junction-ambient Thermal Resistance Junction-pins Thermal Shutdown Junction temperature Max Max 165 Minidip 100 SO-8 200 SO20L 50 15 Unit C/W C/W C
PIN CONNECTIONS
VZ CT N.C.
VS SI VZ CT 1 2 3 4
D95AT217
1 2 3 4 5 6 7 8 9 10
D95AT218
20 19 18 17 16 15 14 13 12 11
SI VS N.C. GND GND GND GND N.C. VOUT SO
8 7 6 5
VOUT SO RES GND
GND GND GND GND N.C. N.C. RES
MINIDIP/SO8
SO20
2/10
L4949E
ELECTRICAL CHARACTERISTICS (VS = 14V; -40C < Tj < 125C unless otherwise specified)
Symbol VO VO VO VDP Parameter Output Voltage Output Voltage Output Voltage Dropout Voltage Test Condition TJ = 25C; IO = 1mA 6V < VIN < 28V, 1mA < IO < 50mA VIN = 40V; T < 1s 5mA < IO <100mA IO = 10mA IO = 50mA IO = 100mA VIN = 4V, IO = 35mA Min. 4.95 4.90 4.75 0.1 0.2 0.3 Typ. 5 5 Max. 5.05 5.10 5.25 0.25 0.4 0.5 0.4 Unit V V V V V V V
VIO
Input to Output Voltage Difference in Undervoltage Condition Max Output Leakage Line Regulation Load Regulation Current Limit
Iouth ** V OL VOLO ILIM
VIN = 25V, VO = 5.5V 6V < VIN < 28V; IO = 1mA 1mA < IO < 100mA VO = 4.5V VO = 4.5V, TJ = 25C VO = 0V (note 1) IO = 0.3mA; TJ < 100C IO = 100mA
20
50
80 20 30
A mV mV mA mA mA A mA
105 120
200 100 200
400 400 300 5
IQSE IQ
Quiescent Current Quiescent Current
** With this test we guarantee that with no output current the output voltage will not exceed 5.5V
RESET
V RT VRTH tRD V RL IRH VCTth VCTth, hy Reset Thereshold Voltage Reset Thereshold Hysteresis Reset Pulse Delay Reset Output Low Voltage Delay Comparator Thereshold Delay Comparator Thereshold Hysteresis C T = 100nF; TR 100s R RES = 10K to VO VS 1.5V 2 100 50 55 VO -0.5V 100 100 200 180 0.4 1 V mV ms V A V mV
Reset Output High Leakage Current VRES = 5V
SENSE
Vst V sth VSL ISH ISI Sense Low Thereshold Sense Thereshold Hysteresis Sense Output Low Voltage Sense Output Leakage Sense Input Current VSI 1.16V; VS 3V R SO = 10K to VO VSO = 5V; VSI 1.5V VSI = 0 -20 -8 1.16 20 1.23 100 1.35 200 0.4 1 -3 V mV V A A
PREREGULATOR
VZ IZ Preregulator Output Voltage Preregulator Output Current IZ = 10A 4.5 5 6 10 V A
Note 1: Foldback characteristic
3/10
L4949E
APPLICATION CIRCUIT
VOUT
VZ (optional) VBAT VS
CT
PREREGULATOR 5V
2 +
RES
2V REG RESET VS SI
V OUT
SO
1.23V REF SENSE
1.23V GND
D96AT219
For stability: CS 1F, CO 4.7F, ESR < 10 at 10KHz Recommended for application: CS = CO = 10F to 100F
APPLICATION INFORMATION Supply Voltage Transient High supply voltage transients can cause a reset output signal disturbation. For supply voltages greater than 8V the circuit shows a high immunity of the reset output against supply transients of more than 100V/s. For supply voltages less than 8V supply transients of more than 0.4V/s can cause a reset signal disturbation. To improve the transient behaviour for supply voltages less than 8V a capacitor at pin 3 can be used. A capacitor at pin 3 (C3 1F) reduces also the output noise. FUNCTIONAL DESCRIPTION The L4949E is a monolithic integrated voltage regulator, based on the STM modular voltage regulator approch. Several outstanding features and auxiliary functions are implemented to meet the requirements of supplying microprocessor systems in automotive applications. Nevertheless, it is suitable also in other applications where the present functions are required. The modular ap4/10
proach of this device allows to get easily also other features and functions when required. Voltage Regulator The voltage regulator uses an Isolated Collector Vertical PNP transistor as a regulating element. Figure 1: Foldback Characteristic of VO
L4949E
With this structure very low dropout voltage at currents up to 100mA is obtained. The dropout operation of the standby regulator is maintained down to 3V input supply voltage. The output voltage is regulated up to the transient input supply voltage of 40V. With this feature no functional interruption due to overvoltage pulses is generated. The typical curve showing the standby output voltage as a function of the input supply voltage is shown in Fig. 2. The current consumption of the device (quiescent current) is less than 300A. To reduce the quiescent current peak in the undervoltage region and to improve the transient response in this region, the dropout voltage is controlled, the quiescent current as a function of the supply input voltage is shown in Fig. 3. Figure 2: Output Voltage vs. Input Voltage Preregulator To improve the transient immunity a preregulator stabilized the internal supply voltage to 5V. This internal voltage is present at Pin 3 (VZ). This voltage should not be used as an output because the output capability is very small (10A). This output may be used as an option when a better transient behaviour for supply voltages less than 8V is required (see also application note). In this case a capacitor (100nF - 1F) must be connected between Pin 3 and GND. If this feature is not used Pin 3 must be left open. Reset Circuit The block circuit diagram of the reset circuit is shown in Fig. 4. The reset circuit supervises the output voltage. The reset thereshold of 4.5V is defined with the internal reference voltage and standby output drivider. The reset pulse delay time tRD, is defined with the charge time of an external capacitor CT: tRD = CT * 2V 2A
40V
Figure 3: Quiescent Current vs. Supply Voltage
The reaction time of the reset circuit originates from the discharge time limitation of the reset capacitor CT and is proportional to the value of CT. The reaction time of the reset circuit increases the noise immunity. Standby output voltage drops below the reset threshold only a bit longer than the reaction time results in a shorter reset delay time. The nominal reset delay time will be generated for standby output voltage drops longer than approximately 50s. The typical reset output waveforms are shown in Fig. 5. Sense Comparator The sense comparator compares an input signal with an internal voltage reference of typical 1.23V. The use of an external voltage divider makes this comparator very flexible in the application. It can be used to supervise the input voltage either before or after the protection diode and to give additional informations to the microprocessor like low voltage warnings.
5/10
L4949E
Figure 4
Figure 5
6/10
L4949E
mm MIN. A a1 B b b1 D E e e3 e4 F I L Z 3.18 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 0.125 0.51 1.15 0.356 0.204 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0.260 0.200 0.150 0.060 TYP. 3.32 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 MAX. MIN. inch TYP. 0.131 MAX.
DIM.
OUTLINE AND MECHANICAL DATA
Minidip
7/10
L4949E
mm MIN. A a1 a2 a3 b b1 C c1 D (1) E e e3 F (1) L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.15 0.016 0.65 0.35 0.19 0.25 0.1 TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 0.026 0.014 0.007 0.010 0.004 MIN. inch TYP. MAX. 0.069 0.010 0.065 0.033 0.019 0.010 0.020
DIM.
OUTLINE AND MECHANICAL DATA
45 (typ.) 5.0 6.2 0.189 0.228 0.050 0.150 0.157 0.050 0.024 0.197 0.244
SO8
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
8/10
L4949E
DIM. MIN. A A1 B C D E e H h L K 10 0.25 0.4 2.35 0.1 0.33 0.23 12.6 7.4
mm TYP. MAX. 2.65 0.3 0.51 0.32 13 7.6 1.27 10.65 0.75 1.27 0.394 0.010 0.016 MIN. 0.093 0.004 0.013 0.009 0.496 0.291
inch TYP. MAX. 0.104 0.012 0.020 0.013 0.512 0.299 0.050 0.419 0.030 0.050
OUTLINE AND MECHANICAL DATA
0 (min.)8(max.)
SO20
L
h x 45
A B e K H D A1 C
20
11 E
1
1 0
SO20MEC
9/10
L4949E
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of L4949E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X